Part Number Hot Search : 
33411 HYS72D MBM29 93AA46 A225D KTA1709 TIL116X MT390
Product Description
Full Text Search
 

To Download 2SC2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-92 Plastic-Encapsulated Transistors
2SC2001
FEATURES Power dissipation PCM: Collector current ICM: Collector-base voltage V(BR)CBO:
TRANSISTOR (NPN) TO-92 0.6 0.7 30 W (Tamb=25) A V
1. EMITTER
2. COLLECTOR
3. BASE
Operating and storage junction temperature range TJ, Tstg: -55 to +150
123
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat)
Test
conditions
MIN 30 25 5
MAX
UNIT V V V
Ic=100A , IE=0 IC=10mA , IB=0 IE=100A, IC=0 VCB=30 V , IE=0 VCE=20 V , IB=0 VEB=5 V , IC=0
0.1 0.1 0.1 90 400 0.6 1.2
A A A
VCE=1V, IC=100mA IC=700mA, IB= 70mA IC= 700mA, IB=70mA VCE=6V, IC= 10mA
V V
Transition frequency
fT f = 30MHz
50
MHz
CLASSIFICATION OF hFE
Rank Range M 90-180 L 135-270 K 200-400


▲Up To Search▲   

 
Price & Availability of 2SC2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X